Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download AN77L00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN77L00/AN77L00M Series
3-pin Low Power Loss Voltage Regulato r 100mA Type) (
s Overview
The AN77L00/AN77L00M series is a stabilized constant voltage power supply with a low input/output voltage(0.3V max.). It is suitable for the low-voltage equipment using batteries, and consumer/industrial equipment with great fluctuation of the supply voltage. A wide range of output voltage is available from 3V through 10V.
AN77L00 Series
5.00.2 5.10.2 4.00.2 Unit : mm
s Features
* Minimum input/output voltage difference : 0.3V(max.) * Built-in overcurrent limiting circuit * Built-in rush current preventive circuit at saturation voltage rise time * Built-in overheat protective circuit * Built-in input short-circuit protective circuit
2.54 0.45 - 0.1
+0.2
13.50.5
2.30.2
2
31
3-pin SIL Plastic Package (TO-92) (SSIP003-P-0000)
AN77L00M Series
Unit : mm
4.6max. 1.8max. 4.25max. 2.6max.
1.6max.
2.6 4.5 0.48max. 0.58max. 1.5 3.0
1
2
3
3-pin SIL Mini Power Type Plastic Package (TO-220F) (SSIP003-P-0000D)
0.8min.
0.44max.
1
AN77L00/AN77L00M Series
s Block Diagram
Voltage Regulators
Input Short-Circuit Protection Over Current Protection Error Amp.
+ -
Voltage Reference
Over Current Protection
Starter
Rush Current Protection
Thermal Protection
3 IN (1)
2 GND (3)
1 OUT (2)
The pin numbers in are for the AN77L00M series. The pin numbers in ( ) are for the AN77L00 series.
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Supply current Power dissipation Note1) Operating ambient temperature Storage temperature Note 1) Symbol VIN IIN PD Topr Tstg Rating 30 200 650 -30 to + 85 -55 to + 150 Unit V mA mW C C
s Recommended Operating Range (Ta= 25C)
Part No. AN77L03/M AN77L035/M AN77L04/M AN77L045/M AN77L05/M AN77L06/M AN77L07/M AN77L08/M AN77L09/M AN77L10/M AN77L12/M Output voltage (VO) 3 3.5 4 4.5 5 6 7 8 9 10 12 Operating supply voltage range (VI) VO + 0.3 to 13.62 VO + 0.41 to 14.14 VO + 0.3 to 14.66 VO + 0.43 to 15.18 VO + 0.3 to 15.7 VO + 0.46 to 16.74 VO + 0.48 to 17.78 VO + 0.51 to 18.82 VO + 0.53 to 19.86 VO + 0.55 to 20.9 VO + 0.6 to 22.98 Unit V V V V V V V V V V V
2
Voltage Regulators
s Electrical Characteristics (Ta=25C)
* AN77L03/M (3V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C Condition
AN77L00/AN77L00M Series
min 2.88
typ 3 2 8 0.9 3 1.5
max 3.12 60 60 1.5 5 5 0.25 0.3
Unit V mV mV mA mA mA dB V V V mV/C
VI=3.62 to 13.62V, Tj=25C IO=0 to 100mA, Tj=25C IO=0mA, Tj=25C IO=0 to 100mA, Tj=25C VI=2.7V, IO=0mA, Tj=25C VI=3.62 to 5.62V, f=120Hz VI=2.7V, IO=50mA, Tj=25C VI=2.7V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 60
70 0.12 0.22 70 0.2
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=4V, IO=50mA, CO=10F unless otherwise specified. * AN77L035/M (3.5V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI= 4.14 to 14.14V, Tj=25C IO= 0 to 100mA, Tj= 25C IO= 0mA, Tj= 25C IO= 0 to 100mA, Tj= 25C VI= 3.15V, IO= 0mA, Tj=25C VI= 4.14 to 6.14V, f=120Hz VI= 3.15V, IO= 50mA, Tj= 25C VI= 3.15V, IO=100mA, Tj= 25C f=10Hz to 100kHz Tj= -30 to+125C 59 Condition min 3.36 typ 3.5 3 9 0.9 3 1.5 69 0.12 0.22 75 0.23 0.25 0.41 max 3.64 60 60 1.5 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=4.5V, IO=50mA, CO=10F unless otherwise specified. * AN77L04/M (4V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI= 4.66 to 14.66V, Tj= 25C IO= 0 to 100mA, Tj= 25C IO= 0mA, Tj= 25C IO= 0 to 100mA, Tj=25C VI=3.6V, IO= 0mA, Tj= 25C VI= 4.66 to 6.66V, f=120Hz VI=3.6V, IO=50mA, Tj= 25C VI=3.6V, IO=100mA, Tj= 25C f=10Hz to 100kHz Tj= -30 to+125C 59 Condition min 3.84 typ 4 3 9 0.9 3 1.5 69 0.12 0.23 80 0.26 0.25 0.3 max 4.16 60 60 1.5 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=5V, IO=50mA, CO=10F unless otherwise specified.
3
AN77L00/AN77L00M Series
s Electrical Characteristics (Ta=25C)
* AN77L045/M (4.5V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI=5.18 to 15.18V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI= 4.05V, IO= 0mA, Tj=25C VI=7.18 to 6.18V, f=120Hz VI= 4.05V, IO=50mA, Tj=25C VI= 4.05V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 58 Condition min 4.32
Voltage Regulators
typ 4.5 3 10 0.9 3 1.5 68 0.12 0.23 85 0.3
max 4.68 60 60 1.5 5 5 0.25 0.43
Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=5.5V, IO=50mA, CO=10F unless otherwise specified. * AN77L05/M (5V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI=5.7 to 15.7V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI= 4.5V, IO= 0mA, Tj=25C VI= 5.7 to 7.7V, f=120Hz VI= 4.5V, IO= 50mA, Tj=25C VI= 4.5V, IO= 100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 58 Condition min 4.8 typ 5 4 10 0.9 3 1.5 68 0.12 0.24 90 0.33 0.25 0.3 max 5.2 60 60 1.5 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=6V, IO=50mA, CO=10F unless otherwise specified. * AN77L06/M (6V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI= 6.74 to 16.74V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI= 5.4V, IO= 0mA, Tj=25C VI= 6.74 to 8.74V, f=120Hz VI=5.4V, IO=50mA, Tj=25C VI=5.4V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 56 Condition min 5.76 typ 6 4 11 0.9 3 1.5 66 0.12 0.25 105 0.4 0.25 0.46 max 6.24 60 60 1.5 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=7V, IO=50mA, CO=10F unless otherwise specified.
4
Voltage Regulators
s Electrical Characteristics (Ta=25C)
* AN77L07/M (7V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min)1 VDIF (min) 2 Vno VO/Ta Tj=25C Condition
AN77L00/AN77L00M Series
min 6.72
typ 7.0 5 11 1.1 3 1.5
max 7.28 70 70 1.6 5 5 0.25 0.48
Unit V mV mV mA mA mA dB V V V mV/C
VI=7.78 to 17.78V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI= 6.3V, IO= 0mA, Tj=25C VI=7.78 to 9.78V, f=120Hz VI= 6.3V, IO= 50mA, Tj=25C VI= 6.3V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 55
65 0.12 0.26 120 0.46
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI= 8V, IO=50mA, CO=10F unless otherwise specified. * AN77L08/M (8V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min)1 VDIF (min) 2 Vno VO/Ta Tj=25C VI= 8.82 to 18.82V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI=7.2V, IO= 0mA, Tj=25C VI= 8.82 to 10.82V, f=120Hz VI=7.2V, IO=50mA, Tj= 25C VI=7.2V, IO=100mA, Tj= 25C f=10Hz to 100kHz Tj= -30 to +125C 53 Condition min 7.68 typ 8 5 12 1.1 3 1.5 63 0.12 0.27 135 0.53 0.25 0.51 max 8.32 80 80 1.6 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=9V, IO=50mA, CO=10F unless otherwise specified. * AN77L09/M (9V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI=9.86 to 19.86V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI=8.1V, IO= 0mA, Tj=25C VI=9.86 to 11.86V, f=120Hz VI=8.1V, IO= 50mA, Tj=25C VI=8.1V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj=-30 to+125C 52 Condition min 8.64 typ 9 6 13 1.2 3 1.5 62 0.13 0.28 150 0.6 0.25 0.53 max 9.36 90 90 1.7 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=10V, IO=50mA, CO=10F unless otherwise specified.
5
AN77L00/AN77L00M Series
s Electrical Characteristics (Ta=25C)
* AN77L10/M (10V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI=10.9 to 20.9V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI= 9.0V, IO=0mA, Tj=25C VI=10.9 to 12.9V, f=120Hz VI= 9.0V, IO=50mA, Tj=25C VI= 9.0V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj= -30 to+125C 50 Condition min 9.6
Voltage Regulators
typ 10 7 14 1.2 3 1.5 60 0.13 0.29 165 0.67
max 10.4 100 100 1.7 5 5 0.25 0.55
Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=11V, IO=50mA, CO=10F unless otherwise specified. * AN77L12/M (12V, 100mA Type) Parameter Output voltage Input stability Load stability Bias current under no load Bias current fluctuation under load Bias current before regulation start Ripple rejection ratio Min. input/output voltage difference (1) Min. input/output voltage difference (2) Output noise voltage Output voltage temperature coefficient Symbol VO REGIN REGL Ibias Ibias Irush RR VDIF (min) 1 VDIF (min) 2 Vno VO/Ta Tj=25C VI=12.98 to 22.98V, Tj=25C IO= 0 to 100mA, Tj=25C IO= 0mA, Tj=25C IO= 0 to 100mA, Tj=25C VI=10.8V, IO=0mA, Tj=25C VI=12.98 to 14.98V, f=120Hz VI=10.8V, IO=50mA, Tj=25C VI=10.8V, IO=100mA, Tj=25C f=10Hz to 100kHz Tj=-30 to+125C 48 Condition min 11.52 typ 12 8 15 1.4 3 1.5 58 0.13 0.31 190 0.8 0.25 0.6 max 12.48 120 120 1.9 5 5 Unit V mV mV mA mA mA dB V V V mV/C
Note 1) Under Tj=25C, each test duration can be set short (within 10ms)and the characteristic drift with temperature rise at joints of the chip may be ignored. Note 2) VI=13V, IO=50mA, CO=10F unless otherwise specified.
s Application Circuit
VI VO
AN77L00/M series
0.33F + - 10F
* For the AN77L00/M series, the gain inside the IC is set high to improve the performance. For the reason, use the capacitor of 10F or more when the power line in the output side should be long. In addition, install the capacitor in the output side as near as possible to the IC.
6
Voltage Regulators
s Characteristics Curve Input/Output Characteristics VO --VI
AN77L03/M IO=50mA 5
AN77L00/AN77L00M Series
Input Stability VO --VI
AN77L03/M IO=50mA
Rush Current (Under No Load) II --VI
3 AN77L03/M IO= 0A
Output Voltage VO (V)
Output Voltage VO (V)
Input Current II (mA)
3.02
4
2
3.01
3
3.00
2
1
2.99
1 2.98 0 0 1 2 3 4 5 0 0 10 20 30 0 0 1 2 3 4 5
Input Voltage VI (V)
Input Voltage VI (V)
Input Voltage VI (V)
Bias Current Ibias -- IO
AN77L03/M VI=4V 5 3.02
Load Stability VO --IO
AN77L03/M VI=4V
Over-current Limiting Characteristics VO --IO
AN77L03/M VI=4V IO(short)=200mA (typ)
5
Output Voltage VO (V)
4
3.01
Output Voltage VO (V)
Bias Current Ibias (mA)
4
3
3.00
3
2
2.99
2
1
2.98
1
0
1
50
100
0
0
50
100
0
0
100
200
300
Output Current IO (mA)
Output Current IO (mA)
Output Voltage IO (mA)
Minimum Input/Output Voltage Difference VDIF (min) (V)
Minimum Input/Output Voltage Difference VDIF (min) -- IOUT
0.5 AN77L03/M VI=2.88V 0.4 100
Ripple Rejection Ratio RR -- f
AN77L03/M IO=50mA
Output Voltage Temperature Characteristics VO -- Ta
AN77L03/M VI= 4V IO= 0mA
Ripple Rejection Ratio RR (dB)
80
3.10
0.3
60
Output Voltage VO (V)
0.2
40
3.00
0.1
20
0
0
50
100
0 10
100
1k
10k
100k
2.90
-25
0
25
50
75
Output Voltage IO (mA)
Frequency f (Hz)
Ambient Temperature Ta (C)
7
AN77L00/AN77L00M Series
AN77L00 series [Power Dissipation (TO-92 Package)] PD --Ta
1.0
Voltage Regulators
AN77L00M Series [Power Dissipation (TO-243 Package)] PD --Ta
1.0
Power Dissipation PD (W)
Single Unit Rthj - a=190C/W PD=658mW (25C) 0.5
Power Dissipation PD (W)
0.5
0
0
25
50
75 85 100
125
150
0
0
25
50
75 85 100
125
150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Note) SM to printed board (glass epoxy board of 20 x 20 x 1.7mm with copper film of 1cm2 or more)
s Precautions on Use
1. Input Short-Circuit Protection Circuit For the conventional Matsushita 3-pin regulators (such as of the AN8000 series), when DC input pin3 is shortcircuited with GND w in the normal operation condition, the potential of output pinq becomes higher than that of DC input pin and the electric charges which is charged in output capacitor CO flows in the input side, resulting in the breakage of elements. In the above case, the common silicon diode is connected as shown in the right figure (the dotted line). However, for the AN77L00/M series, since the protection circuit, which protects the elements from the discharging current, is incorporated in the internal circuit, the protection diode is not required.
Not required
(2) VI 3 (1) (3) CI 0.33F 2 + - CO 10F 1 VO
Pin number in is for the AN77L00M series. Pin number in ( ) is for the AN77L00 series.
Equivalent Series Resistance ESR ()
2. Capacitor for External Compensation In order to secure the safety, the capacitor of 10 F is required in the output side and it should be added as near as possible to output pin1 and GND 2. When it is used under low temperature, oscillation may occur due to the decrease of the aluminum electrolytic capacitor and increase of ESR. For the AN77L00/M, it is recommended that the tantalum capacitor or aluminum electrolytic capacitor whose serialconnected resistance equivalent with that of output capacitor CO has temperature characteristics within the recommended range specified in the right.
8
,, , , , , ,
40 30 20 Recommended Range 10 0 20 40 60 80 100
50
Output Current IO (mA)


▲Up To Search▲   

 
Price & Availability of AN77L00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X